PART |
Description |
Maker |
CS48DV2B09 CS48DV2A-CQZR CS48DV2A-DQZR CS48DV2B-CQ |
Mononuclear for Dolby Volume-Enabled 2-channel 32-bit fixed-function products, audio DSP 32-bit Audio DSP for Dedicated Dolby Volume and Audistry by Dolby DSP - Audio I/C 12 Ch Audio Enhancement Processr DOLBY NOISE REDUCTION IC, PQFP48 DSP - Audio 12-Ch Audio Enhance Processor DOLBY NOISE REDUCTION IC, PQFP48
|
Cirrus Logic, Inc. http://
|
ADSP-21369BBP-2A ADSP-21368BBP-2A ADSP-21367KBP-2A |
SHARC Processors 32-BIT, 55.56 MHz, OTHER DSP, PBGA256 32-BIT, 66.67 MHz, OTHER DSP, PBGA256 MO-192BAL-2, BGA-256 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 208 Ld LQFP(28x28 w_8.9mm_heatsink); No of Pins: 208; Temperature Range: Comm. 32-BIT, 44.44 MHz, OTHER DSP, PQFP208 32-BIT, 55.56 MHz, OTHER DSP, PQFP208 32-BIT, 61.012 MHz, OTHER DSP, PQFP208
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CS493253 CS493254 CS493302 CS493263 CS493263-DL CS |
Multi-Standard Audio Decoder Family Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:Yes; MIPS:72; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes SPECIALTY CONSUMER CIRCUIT, PQCC44 Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:Yes; MIPS:86; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes SPECIALTY CONSUMER CIRCUIT, PQCC44 Audio DSP IC; Series:CS49300; DSP Type:Floating Point; Package/Case:44-PLCC; Leaded Process Compatible:No; MIPS:86; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:3.3V RoHS Compliant: Yes Multi-Standard Audio Decoder Family
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
ADSP-2181BST-133 ADSP-2181KST-133 ADSP-2181BS-133 |
16-bit, 40 MIPS, 5v, 2 Serial Ports, Host Port, 80 KB RAM DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP128 DSP Microcomputer 24-BIT, 14.4 MHz, OTHER DSP, PQFP128
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AK7746 AK7746VT |
Audio DSP with 5-channel 24-bit ADC and Input Mux
|
Asahi Kasei Microsystems
|
ADSP-2196MBCA-140 ADSP-2196MBST-140X ADSP-2196MBCA |
DSP Microcomputer ADSP-2196 16-bit Fixed-Point DSP 16-bit Fixed-Point DSP, 160 MIPS, 40 Kbytes RAM
|
Analog Devices, Inc.
|
DSP56004ROM DSP56004UM_AD DSP56KFAMUM_AD DSP56004F |
SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
|
FREESCALE[Freescale Semiconductor, Inc]
|
DSP56004 |
SYMPHONY? AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
|
Motorola
|
SAA7740 SAA7740H |
Digital Audio Processing IC DAPIC 4-BIT, 23 MHz, OTHER DSP, PQFP64
|
NXP Semiconductors N.V.
|
ADSP-21060LCB-133 ADSP-21060LCBZ-133 ADSP-21060KSZ |
48-BIT, 33.33 MHz, OTHER DSP, PBGA225 PLASTIC, MS-034AAJ-2, BGA-225 48-BIT, 33.33 MHz, OTHER DSP, PBGA225 ROHS COMPLIANT, PLASTIC, MS-034AAJ-2, BGA-225 48-BIT, 33.33 MHz, OTHER DSP, PQFP240 ROHS COMPLIANT, MS-029GA, MQFP-240 48-BIT, 33.33 MHz, OTHER DSP, CQFP240 CERAMIC, QFP-240
|
Analog Devices, Inc.
|
|